Part Number Hot Search : 
06000 120EC PCA95 W981616 10181 LC508 AD9101 MAX16
Product Description
Full Text Search
 

To Download 683PWS202KJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pws axial leaded polypropylene film with aluminum foil electrodes capacitors for power semiconductors features ? self healing ? low esr ? high current ? high pulse current ratings applications ? power semiconductor circuits ? switching power supplies ? src commutation ? deflection circuits specifications operating temperature range -55c to +105c capacitance tolerance + 10% at 1 khz, 25c + 5% optional wvdc 630 1000 1500 2000 vac 300 400 450 500 ac voltage (50/60 hz) for t>+85c , the voltage (dc/ac) must be decreased by 1.5% per c frequency (khz) c< 0.001uf .0010.1uf 10 - 0.05% 0.1% dissipation factor (max) 25c 100 .01% - - capacitance insulation resistance < 0.1 f 100000 m ? insulation resistance @25c (<70% rh)for 1 minute at 100vdc applied >0.1 f 30000 m ? x f self inductance <1 nano-henry per mm of lead spacing capacitance drift factor <0.5% after 2 years at 40c 1000 hours, +85c with 150% of rated voltage capacitance change < 1% of initially measured value dissipation factor < 0.0005 at 10khz and 25 c for c< 0.1uf < 0.001 at 1khz and 25 c for c>0.1uf load life insulation resistance > 50% of maximum specified value 1 fit capacitance change < 10% of initially measured value dissipation factor < 200% of initially specified value reliability (0.5xrated voltage, 40c) 1 fit=1 failure/1 billion component hours insulation resistance > 50% of maximum specified value 56 days at40c with 90 to 95%rh, +40c and no voltage applied capacitance change < 5% of initially measured value dissipation factor < 0.005 at 1khz and 25 c damp heat test insulation resistance > 50% of maximum specified value self inductance <1 nano-henry per mm of body length lead length capacitance drift factor <0.5% after 2 years at 40c capacitance temperature coefficient -200 ppm/c, + 100ppm/c terminal to terminal dielectric strength 200% of rated vdc applied for 2 seconds and 25c dielectric polypropylene construction aluminum foil with internal series connection and metalized film coating flame retardant polyester tape wrap (ul 510) with epoxy resin end fill(ul94v0) leads lead free tinned copper leads
wvdc 630 1000 1500 2000 capacitance c< .22 c>0.22 c< .1 c>0.1 c< .047 c>0.047 c< .033 c>0.033 d + 0.05 0.8 1.0 0.8 1.0 0.8 1.0 0.8 1.0
pws axial lead metallized film with foil electrodes polypropylene capacitors capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims dxl (mm) 0.001 2000 102pws202kd 27000 9.5x21 0.0015 2000 152pws202kd 27000 10.5x21 0.0022 1500 222pws152kd 17000 9.5x21 0.0022 2000 222pws202kd 27000 12.5x21 0.0033 1000 332pws102kd 14000 9x21 0.0033 1500 332pws152kd 17000 10.5x21 0.0033 2000 332pws202kg 9800 9.5x29 0.0047 1000 472pws102kd 14000 7x19 0.0047 1500 472pws152kd 17000 12.5x21 0.0047 1500 472pws152kg 6000 9x29 0.0047 2000 472pws202kg 9800 10.5x29 0.0068 1000 682pws102kd 14000 12x21 0.0068 1000 682pws102kg 5000 8.5x29 0.0068 1500 682pws152kg 6000 9.5x29 0.0068 2000 682pws202kg 9800 12x29 0.01 1000 103pws102kg 5000 9x29 0.01 1500 103pws152kg 6000 10.5x29 0.01 2000 103pws202kg 9800 14x29 0.015 630 153pws630kd 4300 9x21 0.015 1000 153pws102kg 5000 10.5x29 0.015 1500 153pws152kg 6000 12.5x29 0.015 2000 153pws202kg 9800 16.5x29 0.022 630 223pws630kd 4300 10x21 0.022 1000 223pws102kg 5000 12x29 0.022 1500 223pws152kg 6000 14.5x29 0.022 2000 223pws202kj 7000 16.5x34 capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims dxl (mm) 0.033 630 333pws630kd 4300 12x21 0.033 630 333pws630kg 2600 9.5x29 0.033 1000 333pws102kg 5000 14x29 0.033 1500 333pws152kg 6000 18x29 0.033 1500 333pws152kj 4500 15x34 0.033 2000 333pws202kj 7000 20x34 0.047 630 473pws630kg 2600 10.5x29 0.047 1000 473pws102kg 5000 17x29 0.047 1000 473pws102kj 3700 14.5x34 0.047 1500 473pws152kj 4500 17.5x34 0.047 2000 473pws202kj 7000 22.5x34 0.068 630 683pws630kg 2600 12x29 0.068 1000 683pws102kj 3700 17x34 0.068 1500 683pws152kj 4500 20.5x34 0.068 2000 683PWS202KJ 7000 27x34 0.1 630 104pws630kg 2600 14x29 0.1 1000 104pws102kj 3700 19.5x34 0.1 1500 104pws152kj 4500 24x34 0.15 630 154pws630kg 2600 17x29 0.15 630 154pws630kj 1800 14.5x34 0.15 1000 154pws102kj 3700 23.5x34 0.22 630 224pws630kj 1800 17x34 0.22 1000 224pws102kj 3700 28x34 0.33 630 334pws630kj 1800 20x34 0.47 630 474pws630kj 1800 24x34


▲Up To Search▲   

 
Price & Availability of 683PWS202KJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X